Part Number Hot Search : 
HPLW118 FR102 TMP007 TC58NV MJE13011 LL5230B PA1159 2N1724
Product Description
Full Text Search
 

To Download MBR880L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR870L - MBR8100L
8.0A SCHOTTKY BARRIER RECTIFIER Features
* * * * * * * Schottky Barrier Chip Guard Ring Die Construction for Transient Protection Low Power Loss, High Efficiency High Surge Capability High Current Capability and Low Forward Voltage Drop For Use in Low Voltage, High Frequency Inverters, Free Wheeling, and Polarity Protection Application Plastic Material: UL Flammability Classification Rating 94V-0
TO-220AC
L B C K D A
1 2
Dim
M
Min 14.22 9.65 2.54 5.84 3/4 12.70 0.51 3.53AE 3.56 1.14 0.30 2.03 4.83
Max 15.88 10.67 3.43 6.86 6.35 14.73 1.14 4.09AE 4.83 1.40 0.64 2.92 5.33
A B C D E G J
E J R
Pin 1 Pin 2
Mechanical Data
* * * * * * Case: Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: See Diagram Weight: 2.24 grams (approx.) Mounting Position: Any Marking: Type Number
N
G
K L M
P
Case
N P R
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note 1) @ TC = 125C Non-Repetitive Peak Forward Surge Current, 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Repetitive Peak Forward Surge Current Forward Voltage Drop Peak Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance (Note 2) Typical Thermal Resistance Junction to Case (Note 1) Voltage Rate of Change (Rated VR) Operating and Storage Temperature Range @ t 5.0ms @ IF = 8.0A, TC = 25C @ IF = 8.0A, TC = 125C @ TC = 25C @ TC = 125C Symbol VRRM VRWM VR VR(RMS) IO IFSM IFRM VFM IRM Cj RqJC dV/dt Tj, TSTG
@ TA = 25C unless otherwise specified
MBR 870L 70 49
MBR 880L 80 56 8.0 230 850 0.72 0.58 0.55 7.0 350 2.0 10,000
MBR 890L 90 63
MBR 8100L 100 70
Unit V V A A A V mA pF K/W V/ms C
-55 to +175
Notes:
1. Thermal resistance junction to case mounted on heatsink. 2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
DS30029 Rev. B-4
1 of 2
MBR870L-MBR8100L
8
IF, INSTANTANEOUS FORWARD CURRENT (A)
10
100
I(AV), AVERAGE FWD CURRENT (A)
6
10
4
1.0
2
0
0.1 0 0.2 0.4
Tj - 25C IF Pulse Width = 300s 2% Duty Cycle
0
50
100
150
0.6
0.8
1.0
TC, CASE TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
IFSM, PEAK FORWARD SURGE CURRENT (A)
300 250 200 150
Cj, CAPACITANCE (pF)
4000
Tj = 25C f = 1.0MHz
1000
100
50 0
100
1
10 NUMBER OF CYCLES AT 60Hz Fig. 3 Max Non-Repetitive Surge Current
100
0.1
1.0
10
100
VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
DS30029 Rev. B-4
2 of 2
MBR870L-MBR8100L


▲Up To Search▲   

 
Price & Availability of MBR880L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X